Part Number Hot Search : 
HER204 1N582 53248 B410000 QFP144 05121 NSA341 MXP2001
Product Description
Full Text Search
 

To Download HM27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE9517-B Issued Date : 1997.06.06 Revised Date : 2000.10.01 Page No. : 1/3
HM27
NPN EPITAXIAL PLANAR TRANSISTOR
Description
Darlington transistor.
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ...................................................................................... 1 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ 60 V VCES Collector to Emitter Voltage...................................................................................... 60 V VEBO Emitter to Base Voltage ........................................................................................... 10 V IC Collector Current ...................................................................................................... 500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCES BVEBO ICBO IEBO ICES *VCE(sat) VBE(on) *hFE1 *hFE2 Min. 60 60 10 10K 10K Typ. Max. 100 100 500 1.5 2 Unit V V V nA nA nA V V Test Conditions IC=100uA IC=100uA IE=10uA VCB=50V VBE=10V VCE=50V IC=100mA, IB=0.1mA VCE=5V, IC=100mA VCE=5V, IC=10mA VCE=5V, IC=100mA
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100000 10
Spec. No. :HE9517-B Issued Date : 1997.06.06 Revised Date : 2000.10.01 Page No. : 2/3
Saturation Voltage & Collector Current
hFE
VCE=5V 10000
Saturation Voltage (V)
1
VCE(sat) @ IC=1000IB
1000 1 10 100 1000
0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10 10
Capacitance & Reverse-Biased Voltage
On Voltage (mV)
1
VBE(on) @ VCE=5V
Capacitance (pF)
Cob
0.1 0.01 0.1 1 10 100 1000
1 0.1 1 10 100
Collector Current (mA)
Reverse-Biased Voltage (V)
Safe Operating Area
10000 PT=1ms 1000 PT=100 ms PT=1s 100
Collector Current (mA)
10
1 1 10 100
Forward Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-89 Dimension
Marking :
Spec. No. :HE9517-B Issued Date : 1997.06.06 Revised Date : 2000.10.01 Page No. : 3/3
C
H
Date Code Part Number
HSMC Logo Package Code
B 1 E F G A 2 3
D
Style : Pin 1.Base 2.Collector 3.Emitter
I
3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code : M
*:Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.0141 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.52 2.96 3.04 1.40 1.60 0.35 0.41
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HM27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X